Part Number Hot Search : 
620FA012 E003931 4730A TK15414 G1320 472M0 QB2412XT 015LC
Product Description
Full Text Search
 

To Download AM29LV002B-150FCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary . publication# 21191 rev: c amendment/ +2 issue date: march 1998 1 am29lv002 2 megabit (256 k x 8-bit) cmos 3.0 volt-only, boot sector flash memory distinctive characteristics n single power supply operation full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors n high performance full voltage range: access times as fast as 100 ns regulated voltage range: access times as fast as 90 ns n ultra low power consumption (typical values at 5 mhz) automatic sleep mode: 200 na standby mode: 200 na read mode: 10 ma program/erase mode: 20 ma n flexible sector architecture one 16 kbyte, two 8 kbyte, one 32 kbyte, and three 64 kbyte sectors supports control code and data storage on a single device sector protection features: a hardware method of locking a sector to prevent any program or erase operations within that sector temporary sector unprotect feature allows code changes in previously locked sectors n top or bottom boot block configurations available n embedded algorithms embedded erase algorithms automatically preprogram and erase the entire chip or any combination of designated sectors embedded program algorithms automatically write and verify bytes or words at specified addresses n typical 1,000,000 write cycles per sector (100,000 cycles minimum guaranteed) n package option 40-pin tsop n compatibility with jedec standards pinout and software compatible with single- power supply flash superior inadvertent write protection n data# polling and toggle bits provides a software method of detecting program or erase operation completion n ready/busy# pin (ry/by#) provides a hardware method of detecting program or erase cycle completion n erase suspend/erase resume feature suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation n hardware reset pin (reset#) hardware method to reset the device to the read mode
2 am29lv002 preliminary general description the am29lv002 is a 2 mbit, 3.0 volt-only flash memory organized as 262,144 bytes. the device is offered in a 40-pin tsop package. the byte-wide (x8) data appears on dq7Cdq0. all read, program, and erase operations are accomplished using only a single power supply. the device can also be programmed in standard eprom programmers. the standard device offers access times of 90, 100, 120, and 150 ns, allowing high speed microprocessors to operate without wait states. to eliminate bus conten- tion the device has separate chip enable (ce#), write enable (we#) and output enable (oe#) controls. the device requires only a single 3.0 volt power sup- ply for both read and write functions. internally gener- ated and regulated voltages are provided for the program and erase operations. the device is entirely command set compatible with the jedec single-power-supply flash standard . com- mands are written to the command register using standard microprocessor write timings. register con- tents serve as input to an internal state-machine that controls the erase and programming circuitry. write cycles also internally latch addresses and data needed for the programming and erase operations. reading data out of the device is similar to reading from other flash or eprom devices. device programming occurs by executing the program command sequence. this initiates the embedded program algorithman internal algorithm that auto- matically times the program pulse widths and verifies proper cell margin. device erasure occurs by executing the erase com- mand sequence. this initiates the embedded erase algorithman internal algorithm that automatically pre- programs the array (if it is not already programmed) be- fore executing the erase operation. during erase, the device automatically times the erase pulse widths and verifies proper cell margin. the host system can detect whether a program or erase operation is complete by observing the ry/by# pin, or by reading the dq7 (data# polling) and dq6 (toggle) status bits . after a program or erase cycle has been completed, the device is ready to read array data or accept another command. the sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. the device is fully erased when shipped from the factory. hardware data protection measures include a low v cc detector that automatically inhibits write opera- tions during power transitions. the hardware sector protection feature disables both program and erase operations in any combination of the sectors of mem- ory. this is achieved via programming equipment. the erase suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. true background erase can thus be achieved. the hardware reset# pin terminates any operation in progress and resets the internal state machine to reading array data. the reset# pin may be tied to the system reset circuitry. a system reset would thus also reset the device, enabling the system microprocessor to read the boot-up firmware from the flash memory. the device offers two power-saving features. when addresses have been stable for a specified amount of time, the device enters the automatic sleep mode . the system can also place the device into the standby mode . power consumption is greatly reduced in both these modes. amds flash technology combines years of flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effective- ness. the device electrically erases all bits within a sector simultaneously via fowler-nordheim tun- neling. the data is programmed using hot electron injection.
am29lv002 3 preliminary product selector guide block diagram family part number am29lv002 ordering part number: v cc = 3.0C3.6 v (regulated voltage range) -90r v cc = 2.7C3.6 v (full voltage range) -100 -120 -150 max access time (ns) 90 100 120 150 ce# access time (ns) 90 100 120 150 oe# access time (ns) 40 40 50 55 21191c-1 erase voltage generator input/output buffers data latch y-gating cell matrix x-decoder y-decoder chip enable output enable logic pgm voltage generator timer v cc detector state control command register we# ce oe a0Ca17 stb stb dq0Cdq7 ry/by# reset# v cc v ss sector switches address latch
4 am29lv002 preliminary connection diagrams 1 16 2 3 4 5 6 7 8 17 18 19 20 9 10 11 12 13 14 15 40 25 39 38 37 36 35 34 33 32 31 30 29 28 27 26 24 23 22 21 a16 a5 a15 a14 a13 a12 a11 a9 a8 we# reset# nc ry/by# nc a7 a6 a4 a3 a2 a1 a17 dq0 v ss nc nc a10 dq7 dq6 dq5 oe# v ss ce# a0 dq4 v cc v cc nc dq3 dq2 dq1 1 16 2 3 4 5 6 7 8 17 18 19 20 9 10 11 12 13 14 15 40 25 39 38 37 36 35 34 33 32 31 30 29 28 27 26 24 23 22 21 a16 a5 a15 a14 a13 a12 a11 a9 a8 we# reset# nc ry/by# nc a7 a6 a4 a3 a2 a1 a17 dq0 v ss nc nc a10 dq7 dq6 dq5 oe# v ss ce# a0 dq4 v cc v cc nc dq3 dq2 dq1 21191c-2 reverse 40-pin tsop standard 40-pin tsop
am29lv002 5 preliminary pin configuration a0Ca17 = 18 addresses dq0Cdq7 = 8 data inputs/outputs ce# = chip enable we# = write enable oe# = output enable reset# = reset pin ry/by# = ready/busy# pin v cc = 3.0 volt-only single power supply (see product selector guide for speed options and voltage supply tolerances) v ss = device ground nc = pin not connected internally logic symbol 18 8 dq0Cdq7 a0Ca17 ce# oe# we# 21191c-3 reset# ry/by#
6 am29lv002 preliminary ordering information standard products amd standard products are available in several packages and operating ranges. the order number (valid combination) is formed by a combination of the elements below. valid combinations valid combinations list configurations planned to be sup- ported in volume for this device. consult the local amd sales office to confirm availability of specific valid combinations and to check on newly released combinations. device number/description am29lv002 2 megabit (256 k x 8-bit) cmos flash memory 3.0 volt-only program and erase c e -90r am29lv002 t optional processing blank = standard processing b = burn-in (contact an amd representative for more information) temperature range c= commercial (0c to +70c) i = industrial (C40c to +85c) e = extended (C55c to +125c) package type e = 40-pin thin small outline package (tsop) standard pinout (ts 040) f = 40-pin thin small outline package (tsop) reverse pinout (tsr040) speed option see product selector guide and valid combinations boot code sector architecture t = top sector b = bottom sector valid combinations am29lv002t-90r, am29lv002b-90r v cc = 3.0C3.6 v ec, ei, fc, fi am29lv002t-100, am29lv002b-100 am29lv002t-120, am29lv002b-120 ec, ei, ee, fc, fi, fe am29lv002t-150, am29lv002b-150
am29lv002 7 preliminary device bus operations this section describes the requirements and use of the device bus operations, which are initiated through the internal command register. the command register itself does not occupy any addressable memory location. the register is composed of latches that store the com- mands, along with the address and data information needed to execute the command. the contents of the register serve as inputs to the internal state machine. the state machine outputs dictate the function of the device. table 1 lists the device bus operations, the in- puts and control levels they require, and the resulting output. the following subsections describe each of these operations in further detail. table 1. am29lv002 device bus operations legend: l = logic low = v il , h = logic high = v ih , v id = 12.0 0.5 v, x = dont care, a in = address in, d in = data in, d out = data out requirements for reading array data to read array data from the outputs, the system must drive the ce# and oe# pins to v il . ce# is the power control and selects the device. oe# is the output con- trol and gates array data to the output pins. we# should remain at v ih . the internal state machine is set for reading array data upon device power-up, or after a hardware reset. this ensures that no spurious alteration of the memory con- tent occurs during the power transition. no command is necessary in this mode to obtain array data. standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. the device remains enabled for read access until the command register contents are altered. see reading array data for more information. refer to the ac read operations table for timing specifica- tions and to figure 12 for the timing waveforms. i cc1 in the dc characteristics table represents the active cur- rent specification for reading array data. writing commands/command sequences to write a command or command sequence (which in- cludes programming data to the device and erasing sectors of memory), the system must drive we# and ce# to v il , and oe# to v ih . an erase operation can erase one sector, multiple sec- tors, or the entire device. tables 2 and 3 indicate the address space that each sector occupies. a sector ad- dress consists of the address bits required to uniquely select a sector. see the command definitions section for details on erasing a sector or the entire chip, or sus- pending/resuming the erase operation. after the system writes the autoselect command se- quence, the device enters the autoselect mode. the system can then read autoselect codes from the inter- nal register (which is separate from the memory array) on dq7Cdq0. standard read cycle timings apply in this mode. refer to the autoselect mode and autoselect command sequence sections for more information. i cc2 in the dc characteristics table represents the ac- tive current specification for the write mode. the ac characteristics section contains timing specification ta- bles and timing diagrams for write operations. program and erase operation status during an erase or program operation, the system may check the status of the operation by reading the status bits on dq7Cdq0. standard read cycle timings and i cc read specifications apply. refer to write operation status for more information, and to ac characteris- tics for timing diagrams. operation ce# oe# we# reset# addresses dq0Cdq7 read l l h h a in d out write l h l h a in d in standby v cc 0.3 v xx v cc 0.3 v x high-z output disable l h h h x high-z reset x x x l x high-z temporary sector unprotect x x x v id a in d in
8 am29lv002 preliminary standby mode when the system is not reading or writing to the device, it can place the device in the standby mode. in this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, inde- pendent of the oe# input. the device enters the cmos standby mode when the ce# and reset# pins are both held at v cc 0.3 v. (note that this is a more restricted voltage range than v ih .) if ce# and reset# are held at v ih , but not within v cc 0.3 v, the device will be in the standby mode, but the standby current will be greater. the device requires standard access time (t ce ) for read access when the device is in either of these standby modes, before it is ready to read data. if the device is deselected during erasure or program- ming, the device draws active current until the operation is completed. in the dc characteristics table, i cc3 and i cc4 repre- sents the standby current specifications. automatic sleep mode the automatic sleep mode minimizes flash device energy consumption. the device automatically enables this mode when addresses remain stable for t acc + 30 ns. the automatic sleep mode is independent of the ce#, we#, and oe# control signals. standard address access timings provide new data when addresses are changed. while in sleep mode, output data is latched and always available to the system. i cc5 in the dc characteristics table represents the automatic sleep mode current specification. reset#: hardware reset pin the reset# pin provides a hardware method of reset- ting the device to reading array data. when the system drives the reset# pin to v il for at least a period of t rp , the device immediately terminates any operation in progress, tristates all data output pins, and ignores all read/write attempts for the duration of the reset# pulse. the device also resets the internal state ma- chine to reading array data. the operation that was in- terrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity. current is reduced for the duration of the reset# pulse. when reset# is held at v ss 0.3 v, the device draws cmos standby current (i cc4 ). if reset# is held at v il but not within v ss 0.3 v, the standby current will be greater. the reset# pin may be tied to the system reset cir- cuitry. a system reset would thus also reset the flash memory, enabling the system to read the boot-up firmware from the flash memory. if reset# is asserted during a program or erase oper- ation, the ry/by# pin remains a 0 (busy) until the in- ternal reset operation is complete, which requires a time of t ready (during embedded algorithms). the system can thus monitor ry/by# to determine whether the reset operation is complete. if reset# is asserted when a program or erase operation is not executing (ry/by# pin is 1), the reset operation is completed within a time of t ready (not during embedded algo- rithms). the system can read data t rh after the re- set# pin returns to v ih . refer to the ac characteristics tables for reset# pa- rameters and to figure 13 for the timing diagram. output disable mode when the oe# input is at v ih , output from the device is disabled. the output pins are placed in the high imped- ance state.
am29lv002 9 preliminary table 2. sector address tables (am29lv002t) table 3. sector address tables (am29lv002b) autoselect mode the autoselect mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on dq7Cdq0. this mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. however, the autoselect codes can also be accessed in-system through the command register. when using programming equipment, the autoselect mode requires v id (11.5 v to 12.5 v) on address pin a9. address pins a6, a1, and a0 must be as shown in table 4. in addition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits (see tables 2 and 3). table 4 shows the remaining address bits that are dont care. when all necessary bits have been set as required, the programming equipment may then read the corre- sponding identifier code on dq7Cdq0. to access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in table 5. this method does not require v id . see command definitions for details on using the autoselect mode. sector a17 a16 a15 a14 a13 sector size address range sa0 0 0 x x x 64 kbytes 00000hC0ffffh sa1 0 1 x x x 64 kbytes 10000hC1ffffh sa2 1 0 x x x 64 kbytes 20000hC2ffffh sa3 1 1 0 x x 32 kbytes 30000hC37fffh sa411100 8 kbytes 38000hC39fffh sa511101 8 kbytes 3a000hC3bfffh sa61111x 16 kbytes 3c000hC3ffffh sector a17 a16 a15 a14 a13 sector size address range sa00000x 16 kbytes 00000hC03fffh sa100010 8 kbytes 04000hC05fffh sa200011 8 kbytes 06000hC07fffh sa3 0 0 1 x x 32 kbytes 08000hC0ffffh sa4 0 1 x x x 64 kbytes 10000hC1ffffh sa5 1 0 x x x 64 kbytes 20000hC2ffffh sa6 1 1 x x x 64 kbytes 30000hC3ffffh
10 am29lv002 preliminary table 4. am29lv002 autoselect codes (high voltage method) l = logic low = v il , h = logic high = v ih , sa = sector address, x = dont care. sector protection/unprotection the hardware sector protection feature disables both program and erase operations in any sector. the hard- ware sector unprotection feature re-enables both pro- gram and erase operations in previously protected sectors. sector protection/unprotection must be implemented using programming equipment. the procedure requires a high voltage (v id ) on address pin a9 and oe#. details on this method are provided in a supple- ment, publication number 21224. contact an amd rep- resentative to request a copy. the device is shipped with all sectors unprotected. amd offers the option of programming and protecting sectors at its factory prior to shipping the device through amds expressflash? service. contact an amd representative for details. it is possible to determine whether a sector is protected or unprotected. see autoselect mode for details. temporary sector unprotect this feature allows temporary unprotection of previ- ously protected sectors to change data in-system. the sector unprotect mode is activated by setting the re- set# pin to v id . during this mode, formerly protected sectors can be programmed or erased by selecting the sector addresses. once v id is removed from the re- set# pin, all the previously protected sectors are protected again. figure 1 shows the algorithm, and figure 19 shows the timing waveforms, for this feature. figure 1. temporary sector unprotect operation description ce# oe# we# a17 to a13 a12 to a10 a9 a8 to a7 a6 a5 to a2 a1 a0 dq7 to dq0 manufacturer id : amd l l h x x v id xlxll 01h device id: am29lv002t (top boot block) llhxxv id xlxlh 40h device id: am29lv002b (bottom boot block) llhxxv id xlxlh c2h sector protection verification l l h sa x v id xlxhl 01h (protected) 00h (unprotected) start perform erase or program operations reset# = v ih temporary sector unprotect completed (note 2) reset# = v id (note 1) notes: 1. all protected sectors unprotected. 2. all previously protected sectors are protected once again. 21191c-4
am29lv002 11 preliminary hardware data protection the command sequence requirement of unlock cycles for programming or erasing provides data protection against inadvertent writes (refer to table 5 for com- mand definitions). in addition, the following hardware data protection measures prevent accidental erasure or programming, which might otherwise be caused by spurious system level signals during v cc power-up and power-down transitions, or from system noise. low v cc write inhibit when v cc is less than v lko , the device does not ac- cept any write cycles. this protects data during v cc power-up and power-down. the command register and all internal program/erase circuits are disabled, and the device resets. subsequent writes are ignored until v cc is greater than v lko . the system must provide the proper signals to the control pins to prevent uninten- tional writes when v cc is greater than v lko . write pulse glitch protection noise pulses of less than 5 ns (typical) on oe#, ce# or we# do not initiate a write cycle. logical inhibit write cycles are inhibited by holding any one of oe# = v il , ce# = v ih or we# = v ih . to initiate a write cycle, ce# and we# must be a logical zero while oe# is a logical one. power-up write inhibit if we# = ce# = v il and oe# = v ih during power up, the device does not accept commands on the rising edge of we#. the internal state machine is automatically reset to reading array data on power-up. command definitions writing specific address and data commands or se- quences into the command register initiates device op- erations. table 5 defines the valid register command sequences. writing incorrect address and data val- ues or writing them in the improper sequence resets the device to reading array data. all addresses are latched on the falling edge of we# or ce#, whichever happens later. all data is latched on the rising edge of we# or ce#, whichever happens first. refer to the appropriate timing diagrams in the ac characteristics section. reading array data the device is automatically set to reading array data after device power-up. no commands are required to retrieve data. the device is also ready to read array data after completing an embedded program or em- bedded erase algorithm. after the device accepts an erase suspend command, the device enters the erase suspend mode. the sys- tem can read array data using the standard read tim- ings, except that if it reads at an address within erase- suspended sectors, the device outputs status data. after completing a programming operation in the erase suspend mode, the system may once again read array data with the same exception. see erase suspend/ erase resume commands for more information on this mode. the system must issue the reset command to re-ena- ble the device for reading array data if dq5 goes high, or while in the autoselect mode. see the reset com- mand section, next. see also requirements for reading array data in the device bus operations section for more information. the read operations table provides the read parame- ters, and figure 12 shows the timing diagram. reset command writing the reset command to the device resets the de- vice to reading array data. address bits are dont care for this command. the reset command may be written between the se- quence cycles in an erase command sequence before erasing begins. this resets the device to reading array data. once erasure begins, however, the device ig- nores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in a program command sequence be- fore programming begins. this resets the device to reading array data (also applies to programming in erase suspend mode). once programming begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in an autoselect command sequence. once in the autoselect mode, the reset command must be written to return to reading array data (also applies to autoselect during erase suspend). if dq5 goes high during a program or erase operation, writing the reset command returns the device to read- ing array data (also applies during erase suspend). see ac characteristics for parameters, and to figure 13 for the timing diagram.
12 am29lv002 preliminary autoselect command sequence the autoselect command sequence allows the host system to access the manufacturer and devices codes, and determine whether or not a sector is protected. table 5 shows the address and data requirements. this method is an alternative to that shown in table 4, which is intended for prom programmers and requires v id on address bit a9. the autoselect command sequence is initiated by writ- ing two unlock cycles, followed by the autoselect com- mand. the device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. a read cycle at address xx00h retrieves the manufac- turer code. a read cycle at address xx01h returns the device code. a read cycle containing a sector address (sa) and the address 02h returns 01h if that sector is protected, or 00h if it is unprotected. refer to tables 2 and 3 for valid sector addresses. the system must write the reset command to exit the autoselect mode and return to reading array data. byte program command sequence programming is a four-bus-cycle operation. the pro- gram command sequence is initiated by writing two un- lock write cycles, followed by the program set-up command. the program address and data are written next, which in turn initiate the embedded program al- gorithm. the system is not required to provide further controls or timings. the device automatically provides internally generated program pulses and verify the pro- grammed cell margin. table 5 shows the address and data requirements for the byte program command se- quence. when the embedded program algorithm is complete, the device then returns to reading array data and ad- dresses are no longer latched. the system can deter- mine the status of the program operation by using dq7, dq6, or ry/by#. see write operation status for information on these status bits. any commands written to the device during the em- bedded program algorithm are ignored. note that a hardware reset immediately terminates the program- ming operation. the byte program command se- quence should be reinitiated once the device has reset to reading array data, to ensure data integrity. programming is allowed in any sequence and across sector boundaries. a bit cannot be programmed from a 0 back to a 1. attempting to do so may halt the operation and set dq5 to 1, or cause the data# polling algorithm to indicate the operation was suc- cessful. however, a succeeding read will show that the data is still 0. only erase operations can convert a 0 to a 1. figure 2 illustrates the algorithm for the program oper- ation. see the erase and program operations table in ac characteristics for parameters, and to figure 14 for timing diagrams note: see table 5 for program command sequence. figure 2. program operation start write program command sequence data poll from system verify data? no yes last address? no yes programming completed increment address embedded program algorithm in progress
am29lv002 13 preliminary chip erase command sequence chip erase is a six bus cycle operation. the chip erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the embedded erase algorithm. the device does not require the system to preprogram prior to erase. the embedded erase algo- rithm automatically preprograms and verifies the entire memory for an all zero data pattern prior to electrical erase. the system is not required to provide any con- trols or timings during these operations. table 5 shows the address and data requirements for the chip erase command sequence. any commands written to the chip during the embed- ded erase algorithm are ignored. note that a hardware reset during the chip erase operation immediately ter- minates the operation. the chip erase command se- quence should be reinitiated once the device has returned to reading array data, to ensure data integrity. the system can determine the status of the erase op- eration by using dq7, dq6, dq2, or ry/by#. see write operation status for information on these sta- tus bits. when the embedded erase algorithm is com- plete, the device returns to reading array data and addresses are no longer latched. figure 3 illustrates the algorithm for the erase opera- tion. see the read operations tables in ac character- istics for parameters, and to figure 15 for timing diagrams. sector erase command sequence sector erase is a six bus cycle operation. the sector erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. two ad- ditional unlock write cycles are then followed by the ad- dress of the sector to be erased, and the sector erase command. table 5 shows the address and data re- quirements for the sector erase command sequence. the device does not require the system to preprogram the memory prior to erase. the embedded erase algo- rithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase. the system is not required to provide any controls or tim- ings during these operations. after the command sequence is written, a sector erase time-out of 50 s begins. during the time-out period, additional sector addresses and sector erase com- mands may be written. loading the sector erase buffer may be done in any sequence, and the number of sec- tors may be from one sector to all sectors. the time be- tween these additional cycles must be less than 50 s, otherwise the last address and command might not be accepted, and erasure may begin. it is recommended that processor interrupts be disabled during this time to ensure all commands are accepted. the interrupts can be re-enabled after the last sector erase command is written. if the time between additional sector erase commands can be assumed to be less than 50 s, the system need not monitor dq3. any command other than sector erase or erase suspend during the time-out period resets the device to reading array data. the system must rewrite the command sequence and any additional sector addresses and commands. the system can monitor dq3 to determine if the sector erase timer has timed out. (see the dq3: sector erase timer section.) the time-out begins from the ris- ing edge of the final we# pulse in the command se- quence. once the sector erase operation has begun, only the erase suspend command is valid. all other commands are ignored. note that a hardware reset during the sector erase operation immediately terminates the op- eration. the sector erase command sequence should be reinitiated once the device has returned to reading array data, to ensure data integrity. when the embedded erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. the system can determine the sta- tus of the erase operation by using dq7, dq6, dq2, or ry/by#. (refer to write operation status for informa- tion on these status bits.) figure 3 illustrates the algorithm for the erase opera- tion. refer to the read operations tables in the ac characteristics section for parameters, and to figure 15 for timing diagrams. erase suspend/erase resume commands the erase suspend command allows the system to in- terrupt a sector erase operation and then read data from, or program data to, any sector not selected for erasure. this command is valid only during the sector erase operation, including the time-out period 50 s during the sector erase command sequence. the erase suspend command is ignored if written during the chip erase operation or embedded program algo- rithm. writing the erase suspend command during the sector erase time-out immediately terminates the time-out period and suspends the erase operation. ad- dresses are dont-cares when writing the erase sus- pend command. when the erase suspend command is written during a sector erase operation, the device requires a maximum of 20 s to suspend the erase operation. however, when the erase suspend command is written during the sector erase time-out, the device immediately ter- minates the time-out period and suspends the erase operation. after the erase operation has been suspended, the system can read array data from or program data to
14 am29lv002 preliminary any sector not selected for erasure. (the device erase suspends all sectors selected for erasure.) normal read and write timings and command definitions apply. reading at any address within erase-suspended sec- tors produces status data on dq7Cdq0. the system can use dq7, or dq6 and dq2 together, to determine if a sector is actively erasing or is erase-suspended. see write operation status for information on these status bits. after an erase-suspended program operation is com- plete, the system can once again read array data within non-suspended sectors. the system can determine the status of the program operation using the dq7 or dq6 status bits, just as in the standard program operation. see write operation status for more information. the system may also write the autoselect command sequence when the device is in the erase suspend mode. the device allows reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in the memory array. when the device exits the autoselect mode, the device reverts to the erase suspend mode, and is ready for another valid operation. see autoselect command sequence for more information. the system must write the erase resume command (address bits are dont care) to exit the erase suspend mode and continue the sector erase operation. further writes of the resume command are ignored. another erase suspend command can be written after the de- vice has resumed erasing. notes: 1. see table 5 for erase command sequence. 2. see dq3: sector erase timer for more information. figure 3. erase operation 21191c-5 start write erase command sequence data poll from system data = ffh? no yes erasure completed embedded erase algorithm in progress
am29lv002 15 preliminary table 5. am29lv002 command definitions legend: x = dont care ra = address of the memory location to be read. rd = data read from location ra during read operation. pa = address of the memory location to be programmed. addresses are latched on the falling edge of the we# or ce# pulse. pd = data to be programmed at location pa. data is latched on the rising edge of we# or ce# pulse. sa = address of the sector to be erased or verified. address bits a17Ca13 uniquely select any sector. notes: 1. see table 1 for descriptions of bus operations. 2. all values are in hexadecimal. 3. except when reading array or autoselect data, all bus cycles are write operations. 4. address bits a17Ca11 are dont care for unlock and command cycles, except when pa or sa is required. 5. no unlock or command cycles required when device is in read mode. 6. the reset command is required to return to the read mode when the device is in the autoselect mode or if dq5 goes high. 7. the fourth cycle of the autoselect command sequence is a read cycle. 8. the data is 00h for an unprotected sector and 01h for a protected sector. 9. the system may read and program functions in non- erasing sectors, or enter the autoselect mode, when in the erase suspend mode. the erase suspend command is valid only during a sector erase operation. 10. the erase resume command is valid only during the erase suspend mode. command sequence (note 1) bus cycles (notes 2C4) first second third fourth fifth sixth addr data addr data addr data addr data addr data addr data read (note 5) 1 ra rd reset (note 6) 1 xxx f0 manufacturer id 4 555 aa 2aa 55 555 90 x00 01 device id, top boot block 4 555 aa 2aa 55 555 90 x01 40 device id, bottom boot block c2 sector protect verify (note 8) 4 555 aa 2aa 55 555 90 sa x02 00 01 byte program 4 555 aa 2aa 55 555 a0 pa pd chip erase 6 555 aa 2aa 55 555 80 555 aa 2aa 55 555 10 sector erase 6 555 aa 2aa 55 555 80 555 aa 2aa 55 sa 30 erase suspend (note 9) 1 xxx b0 erase resume (note 10) 1 xxx 30 cycles autoselect (note 7)
16 am29lv002 preliminary write operation status the device provides several bits to determine the sta- tus of a write operation: dq2, dq3, dq5, dq6, dq7, and ry/by#. table 6 and the following subsections de- scribe the functions of these bits. dq7, ry/by#, and dq6 each offer a method for determining whether a program or erase operation is complete or in progress. these three bits are discussed first. dq7: data# polling the data# polling bit, dq7, indicates to the host sys- tem whether an embedded algorithm is in progress or completed, or whether the device is in erase suspend. data# polling is valid after the rising edge of the final we# pulse in the program or erase command se- quence. during the embedded program algorithm, the device outputs on dq7 the complement of the datum pro- grammed to dq7. this dq7 status also applies to pro- gramming during erase suspend. when the embedded program algorithm is complete, the device outputs the datum programmed to dq7. the system must provide the program address to read valid status information on dq7. if a program address falls within a protected sector, data# polling on dq7 is active for ap- proximately 1 s, then the device returns to reading array data. during the embedded erase algorithm, data# polling produces a 0 on dq7. when the embedded erase al- gorithm is complete, or if the device enters the erase suspend mode, data# polling produces a 1 on dq7. this is analogous to the complement/true datum output described for the embedded program algorithm: the erase function changes all the bits in a sector to 1; prior to this, the device outputs the complement, or 0. the system must provide an address within any of the sectors selected for erasure to read valid status in- formation on dq7. after an erase command sequence is written, if all sec- tors selected for erasing are protected, data# polling on dq7 is active for approximately 100 s, then the de- vice returns to reading array data. if not all selected sectors are protected, the embedded erase algorithm erases the unprotected sectors, and ignores the se- lected sectors that are protected. when the system detects dq7 has changed from the complement to true data, it can read valid data at dq7C dq0 on the following read cycles. this is because dq7 may change asynchronously with dq0Cdq6 while output enable (oe#) is asserted low. figure 16, data# polling timings (during embedded algorithms), in the ac characteristics section illustrates this. table 6 shows the outputs for data# polling on dq7. figure 4 shows the data# polling algorithm. dq7 = data? yes no no dq5 = 1? no yes yes fail pass read dq7Cdq0 addr = va read dq7Cdq0 addr = va dq7 = data? start notes: 1. va = valid address for programming. during a sector erase operation, a valid address is an address within any sector selected for erasure. during chip erase, a valid address is any non-protected sector address. 2. dq7 should be rechecked even if dq5 = 1 because dq7 may change simultaneously with dq5. 21191c-6 figure 4. data# polling algorithm
am29lv002 17 preliminary ry/by#: ready/busy# the ry/by# is a dedicated, open-drain output pin that indicates whether an embedded algorithm is in progress or complete. the ry/by# status is valid after the rising edge of the final we# pulse in the command sequence. since ry/by# is an open-drain output, sev- eral ry/by# pins can be tied together in parallel with a pull-up resistor to v cc . (the ry/by# pin is not availa- ble on the 44-pin so package.) if the output is low (busy), the device is actively erasing or programming. (this includes programming in the erase suspend mode.) if the output is high (ready), the device is ready to read array data (including during the erase suspend mode), or is in the standby mode. table 6 shows the outputs for ry/by#. figures 12, 13, 14 and 15 shows ry/by# for read, reset, program, and erase operations, respectively. dq6: toggle bit i toggle bit i on dq6 indicates whether an embedded program or erase algorithm is in progress or complete, or whether the device has entered the erase suspend mode. toggle bit i may be read at any address, and is valid after the rising edge of the final we# pulse in the command sequence (prior to the program or erase op- eration), and during the sector erase time-out. during an embedded program or erase algorithm op- eration, successive read cycles to any address cause dq6 to toggle (the system may use either oe# or ce# to control the read cycles). when the operation is com- plete, dq6 stops toggling. after an erase command sequence is written, if all sec- tors selected for erasing are protected, dq6 toggles for approximately 100 s, then returns to reading array data. if not all selected sectors are protected, the em- bedded erase algorithm erases the unprotected sec- tors, and ignores the selected sectors that are protected. the system can use dq6 and dq2 together to deter- mine whether a sector is actively erasing or is erase- suspended. when the device is actively erasing (that is, the embedded erase algorithm is in progress), dq6 toggles. when the device enters the erase suspend mode, dq6 stops toggling. however, the system must also use dq2 to determine which sectors are erasing or erase-suspended. alternatively, the system can use dq7 (see the subsection on dq7: data# polling). if a program address falls within a protected sector, dq6 toggles for approximately 1 s after the program command sequence is written, then returns to reading array data. dq6 also toggles during the erase-suspend-program mode, and stops toggling once the embedded pro- gram algorithm is complete. table 6 shows the outputs for toggle bit i on dq6. fig- ure 5 shows the toggle bit algorithm in flowchart form, and the section reading toggle bits dq6/dq2 ex- plains the algorithm. figure 17 in the ac characteris- tics section shows the toggle bit timing diagrams. figure 18 shows the differences between dq2 and dq6 in graphical form. see also the subsection on dq2: toggle bit ii. dq2: toggle bit ii the toggle bit ii on dq2, when used with dq6, indi- cates whether a particular sector is actively erasing (that is, the embedded erase algorithm is in progress), or whether that sector is erase-suspended. toggle bit ii is valid after the rising edge of the final we# pulse in the command sequence. dq2 toggles when the system reads at addresses within those sectors that have been selected for eras- ure. (the system may use either oe# or ce# to control the read cycles.) but dq2 cannot distinguish whether the sector is actively erasing or is erase-suspended. dq6, by comparison, indicates whether the device is actively erasing, or is in erase suspend, but cannot distinguish which sectors are selected for erasure. thus, both status bits are required for sector and mode information. refer to table 6 to compare outputs for dq2 and dq6. figure 5 shows the toggle bit algorithm in flowchart form, and the section reading toggle bits dq6/dq2 explains the algorithm. see also the dq6: toggle bit i subsection. figure 17 shows the toggle bit timing dia- gram. figure 18 shows the differences between dq2 and dq6 in graphical form. reading toggle bits dq6/dq2 refer to figure 5 for the following discussion. when- ever the system initially begins reading toggle bit sta- tus, it must read dq7Cdq0 at least twice in a row to determine whether a toggle bit is toggling. typically, the system would note and store the value of the toggle bit after the first read. after the second read, the system would compare the new value of the toggle bit with the first. if the toggle bit is not toggling, the device has com- pleted the program or erase operation. the system can read array data on dq7Cdq0 on the following read cy- cle. however, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the sys- tem also should note whether the value of dq5 is high (see the section on dq5). if it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as dq5 went high. if the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. if it is still toggling, the device did not completed the operation successfully, and the system
18 am29lv002 preliminary must write the reset command to return to reading array data. the remaining scenario is that the system initially de- termines that the toggle bit is toggling and dq5 has not gone high. the system may continue to monitor the toggle bit and dq5 through successive read cycles, de- termining the status as described in the previous para- graph. alternatively, it may choose to perform other system tasks. in this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation (top of figure 5). table 6 shows the outputs for toggle bit i on dq6. fig- ure 5 shows the toggle bit algorithm. figure 17 in the ac characteristics section shows the toggle bit timing diagrams. figure 18 shows the differences between dq2 and dq6 in graphical form. see also the subsec- tion on dq2: toggle bit ii. dq5: exceeded timing limits dq5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. under these conditions dq5 produces a 1. this is a failure condition that indicates the program or erase cycle was not successfully completed. the dq5 failure condition may appear if the system tries to program a 1 to a location that is previously programmed to 0. only an erase operation can change a 0 back to a 1. under this condition, the device halts the operation, and when the operation has exceeded the timing limits, dq5 produces a 1. under both these conditions, the system must issue the reset command to return the device to reading array data. dq3: sector erase timer after writing a sector erase command sequence, the system may read dq3 to determine whether or not an erase operation has begun. (the sector erase timer does not apply to the chip erase command.) if addi- tional sectors are selected for erasure, the entire time- out also applies after each additional sector erase com- mand. when the time-out is complete, dq3 switches from 0 to 1. the system may ignore dq3 if the sys- tem can guarantee that the time between additional sector erase commands will always be less than 50 m s. see also the sector erase command sequence section. after the sector erase command sequence is written, the system should read the status on dq7 (data# poll- ing) or dq6 (toggle bit i) to ensure the device has ac- cepted the command sequence, and then read dq3. if dq3 is 1, the internally controlled erase cycle has be- gun; all further commands (other than erase suspend) are ignored until the erase operation is complete. if dq3 is 0, the device will accept additional sector erase commands. to ensure the command has been accepted, the system software should check the status of dq3 prior to and following each subsequent sector erase command. if dq3 is high on the second status check, the last command might not have been ac- cepted. table 6 shows the outputs for dq3. start no yes yes dq5 = 1? no yes toggle bit = toggle? no program/erase operation not complete, write reset command program/erase operation complete read dq7Cdq0 toggle bit = toggle? read dq7Cdq0 twice read dq7Cdq0 notes: 1. read toggle bit twice to determine whether or not it is toggling. see text. 2. recheck toggle bit because it may stop toggling as dq5 changes to 1. see text. 21191c-7 figure 5. toggle bit algorithm (note 1) (notes 1, 2)
am29lv002 19 preliminary table 6. write operation status notes: 1. dq5 switches to 1 when an embedded program or embedded erase operation has exceeded the maximum timing limits. see dq5: exceeded timing limits for more information. 2. dq7 and dq2 require a valid address when reading status information. refer to the appropriate subsection for further details. operation dq7 (note 2) dq6 dq5 (note 1) dq3 dq2 (note 2) ry/by# standard mode embedded program algorithm dq7# toggle 0 n/a no toggle 0 embedded erase algorithm 0 toggle 0 1 toggle 0 erase suspend mode reading within erase suspended sector 1 no toggle 0 n/a toggle 1 reading within non-erase suspended sector data data data data data 1 erase-suspend-program dq7# toggle 0 n/a n/a 0
20 am29lv002 preliminary absolute maximum ratings storage temperature plastic packages . . . . . . . . . . . . . . . C65 c to +150 c ambient temperature with power applied . . . . . . . . . . . . . C55 c to +125 c voltage with respect to ground v cc (note 1) . . . . . . . . . . . . . . . . C0.5 v to +4.0 v a9 , oe# , and reset# (note 2). . . . . . . . . . . .C0.5 v to +13.0 v all other pins (note 1) . . . . . C0.5 v to v cc +0.5 v output short circuit current (note 3) . . . . . . 200 ma notes: 1. minimum dc voltage on input or i/o pins is C0.5 v. during voltage transitions, input or i/o pins may undershoot v ss to C2.0 v for periods of up to 20 ns. see figure 6. maximum dc voltage on input or i/o pins is v cc +0.5 v. during voltage transitions, input or i/o pins may overshoot to v cc +2.0 v for periods up to 20 ns. see figure 7. 2. minimum dc input voltage on pins a9, oe#, and reset# is C0.5 v. during voltage transitions, a9, oe#, and reset# may undershoot v ss to C2.0 v for periods of up to 20 ns. see figure 6. maximum dc input voltage on pin a9 is +12.5 v which may overshoot to 14.0 v for periods up to 20 ns. 3. no more than one output may be shorted to ground at a time. duration of the short circuit should not be greater than one second. stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability. figure 6. maximum negative overshoot waveform figure 7. maximum positive overshoot waveform operating ranges commercial (c) devices ambient temperature (t a ) . . . . . . . . . . . 0c to +70c industrial (i) devices ambient temperature (t a ) . . . . . . . . . C40c to +85c extended (e) devices ambient temperature (t a ) . . . . . . . . C55c to +125c v cc supply voltages v cc for regulated voltage range. . . . . . +3.0 v to 3.6 v v cc for full voltage range . . . . . . . . . . . +2.7 v to 3.6 v operating ranges define those limits between which the func- tionality of the device is guaranteed. 20 ns 20 ns +0.8 v C0.5 v 20 ns C2.0 v 21191c-8 20 ns 20 ns v cc +2.0 v v cc +0.5 v 20 ns 2.0 v 21191c-9
am29lv002 21 preliminary dc characteristics cmos compatible notes: 1. the i cc current listed is typically less than 2 ma/mhz, with oe# at v ih . typical v cc is 3.0 v. 2. i cc active while embedded erase or embedded program is in progress. 3. automatic sleep mode enables the low power mode when addresses remain stable for t acc + 30 ns. 4. not 100% tested. parameter parameter description test conditions min typ max unit i li input load current v in = v ss to v cc , v cc = v cc max 1.0 a i lit a9 input load current v cc = v cc max ; a9 = 12.5 v 35 a i lo output leakage current v out = v ss to v cc , v cc = v cc max 1.0 a i cc1 v cc active read current (note 1) v cc = v cc max ; ce# = v il, oe# = v ih 5 mhz 10 16 ma 1 mhz 2 4 ma i cc2 v cc active write current (notes 2, 4) v cc = v cc max ; ce# = v il, oe# = v ih 20 30 ma i cc3 v cc standby current v cc = v cc max ; ce#, reset# = v cc 0.3 v 0.2 5 a i cc4 v cc standby current during reset v cc = v cc max ; reset# = v ss 0.3 v 0.2 5 a i cc5 automatic sleep mode (note 3) v cc = v cc max ; v ih = v cc 0.3 v; v il = v ss 0.3 v 0.2 5 a v il input low voltage C0.5 0.8 v v ih input high voltage 0.7 x v cc v cc + 0.3 v v id voltage for autoselect and temporary sector unprotect v cc = 3.3 v 11.5 12.5 v v ol output low voltage i ol = 4.0 ma, v cc = v cc min 0.45 v v oh1 output high voltage i oh = C2.0 ma, v cc = v cc min 0.85 v cc v v oh2 i oh = C100 a, v cc = v cc min v cc C0.4 v lko low v cc lock-out voltage (note 4) 2.3 2.5 v
22 am29lv002 preliminary dc characteristics (continued) zero-power flash note: addresses are switching at 1 mhz 21191c-10 figure 8. i cc1 current vs. time (showing active and automatic sleep currents) 25 20 15 10 5 0 0 500 1000 1500 2000 2500 3000 3500 4000 supply current in ma time in ns note: t = 25 c 21191c-11 figure 9. typical i cc1 vs. frequency 15 10 5 0 1 2345 3 . 6 v 2 . 7 v frequency in mhz supply current in ma
am29lv002 23 preliminary test conditions table 7. test specifications key to switching waveforms 2.7 k w c l 6.2 k w 3.3 v device under test 21191c-12 figure 10. test setup note: diodes are in3064 or equivalent test condition -90r, -100 -120, -150 unit output load 1 ttl gate output load capacitance, c l (including jig capacitance) 30 100 pf input rise and fall times 5 ns input pulse levels 0.0C3.0 v input timing measurement reference levels 1.5 v output timing measurement reference levels 1.5 v ks000010-pal waveform inputs outputs steady changing from h to l changing from l to h dont care, any change permitted changing, state unknown does not apply center line is high impedance state (high z) 3.0 v 0.0 v 1.5 v 1.5 v output measurement level input 21191c-13 figure 11. input waveforms and measurement levels
24 am29lv002 preliminary ac characteristics read operations notes: 1. not 100% tested. 2. see figure 10 and table 7 for test specifications. parameter description speed option jedec std test setup -90r -100 -120 -150 unit t avav t rc read cycle time (note 1) min 90 100 120 150 ns t avqv t acc address to output delay ce# = v il oe# = v il max 90 100 120 150 ns t elqv t ce chip enable to output delay oe# = v il max 90 100 120 150 ns t glqv t oe output enable to output delay max 40 40 50 55 ns t ehqz t df chip enable to output high z (note 1) max 30 30 30 40 ns t ghqz t df output enable to output high z (note 1) max 30 30 30 40 ns t oeh output enable hold time (note 1) read min 0 ns toggle and data# polling min 10 ns t axqx t oh output hold time from addresses, ce# or oe#, whichever occurs first (note 1) min 0 ns t ce outputs we# addresses ce# oe# high z output valid high z addresses stable t rc t acc t oeh t oe 0 v ry/by# reset# t df t oh 21191c-14 figure 12. read operations timings
am29lv002 25 preliminary ac characteristics hardware reset (reset#) note: not 100% tested. parameter description all speed options jedec std. test setup unit t ready reset# pin low (during embedded algorithms) to read or write (see note) max 20 s t ready reset# pin low (not during embedded algorithms) to read or write (see note) max 500 ns t rp reset# pulse width min 500 ns t rh reset# high time before read (see note) min 50 ns t rb ry/by# recovery time min 0 ns reset# ry/by# ry/by# t rp t ready reset timings not during embedded algorithms t ready ce#, oe# t rh ce#, oe# reset timings during embedded algorithms reset# t rp t rb 21191c-15 figure 13. reset# timings
26 am29lv002 preliminary ac characteristics erase and program operations notes: 1. not 100% tested. 2. see the erase and programming performance table for more information. parameter -90r -100 -120 -150 jedec std description unit t avav t wc write cycle time (note 1) min 90 100 120 150 ns t av wl t as address setup time min 0 ns t wlax t ah address hold time min 50 50 50 65 ns t dvwh t ds data setup time min 50 50 50 65 ns t whdx t dh data hold time min 0 ns t oes output enable setup time (note 1) min 0 ns t ghwl t ghwl read recovery time before write (oe# high to we# low) min 0 ns t elwl t cs ce# setup time min 0 ns t wheh t ch ce# hold time min 0 ns t wlwh t wp write pulse width min 50 50 50 65 ns t whwl t wph write pulse width high min 30 30 30 35 ns t whwh1 t whwh1 programming operation (note 2) typ 9 s t whwh2 t whwh2 sector erase operation (note 2) typ 1 sec t vcs v cc setup time (note 1) min 50 s t rb recovery time from ry/by# min 0 ns t busy program/erase valid to ry/by# delay min 90 ns
am29lv002 27 preliminary ac characteristics notes: 1. pa = program address, pd = program data, d out is the true data at the program address. figure 14. program operation timings notes: 1. sa = sector address (for sector erase), va = valid address for reading status data (see write operation status). figure 15. chip/sector erase operation timings oe# we# ce# v cc data addresses t ds t ah t dh t wp pd t whwh1 t wc t as t wph t vcs 555h pa pa read status data (last two cycles) a0h t ghwl t cs status d out program command sequence (last two cycles) ry/by# t rb t busy t ch pa 21191c-16 oe# ce# addresses v cc we# data 2aah sa t ghwl t ah t wp t wc t as t wph 555h for chip erase 10 for chip erase 30h t ds t vcs t cs t dh 55h t ch in progress complete t whwh2 va va erase command sequence (last two cycles) read status data ry/by# t rb t busy 21191c-17
28 am29lv002 preliminary ac characteristics we# ce# oe# high z t oe high z dq7 dq0Cdq6 ry/by# t busy complement true addresses va t oeh t ce t ch t oh t df va va status data complement status data true valid data valid data t acc t rc note: va = valid address. illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle. 21191c-18 figure 16. data# polling timings (during embedded algorithms) we# ce# oe# high z t oe dq6/dq2 ry/by# t busy addresses va t oeh t ce t ch t oh t df va va t acc t rc valid data valid status valid status (first read) (second read) (stops toggling) valid status va note: va = valid address; not required for dq6. illustration shows first two status cycle after command sequence, last status read cycle, and array data read cycle. 21191c-19 figure 17. toggle bit timings (during embedded algorithms)
am29lv002 29 preliminary ac characteristics temporary sector unprotect note: not 100% tested. note: the system can use oe# or ce# to toggle dq2/dq6. dq2 toggles only when read at an address within an erase-suspended sector. 21191c-20 figure 18. dq2 vs. dq6 enter erase erase erase enter erase suspend program erase suspend read erase suspend read erase we# dq6 dq2 erase complete erase suspend suspend program resume embedded erasing parameter all speed options jedec std. description unit t vidr v id rise and fall time (see note) min 500 ns t rsp reset# setup time for temporary sector unprotect min 4 s reset# t vidr 12 v 0 or 3 v ce# we# ry/by# t vidr t rsp program or erase command sequence 0 or 3 v 21191c-21 figure 19. temporary sector unprotect timing diagram
30 am29lv002 preliminary ac characteristics erase and program operations alternate ce# controlled writes notes: 1. not 100% tested. 2. see the erase and programming performance table for more information. parameter -90r -100 -120 -150 jedec std description unit t avav t wc write cycle time (note 1) min 90 100 120 150 ns t avel t as address setup time min 0 ns t elax t ah address hold time min 50 50 50 65 ns t dveh t ds data setup time min 50 50 50 65 ns t ehdx t dh data hold time min 0 ns t oes output enable setup time min 0 ns t ghel t ghel read recovery time before write (oe# high to we# low) min 0 ns t wlel t ws we# setup time min 0 ns t ehwh t wh we# hold time min 0 ns t eleh t cp ce# pulse width min 50 50 50 65 ns t ehel t cph ce# pulse width high min 30 30 30 35 ns t whwh1 t whwh1 programming operation (note 2) typ 9 s t whwh2 t whwh2 sector erase operation (note 2) typ 1 sec
am29lv002 31 preliminary ac characteristics t ghel t ws oe# ce# we# reset# t ds data t ah addresses t dh t cp dq7# d out t wc t as t cph pa data# polling a0 for program 55 for erase t rh t whwh1 or 2 ry/by# t wh pd for program 30 for sector erase 10 for chip erase 555 for program 2aa for erase pa for program sa for sector erase 555 for chip erase t busy note: pa = program address, pd = program data, dq7# = complement of the data written to the device, d out = data written t o the device. figure indicates the last two bus cycles of the command sequence 21191c-22 figure 20. alternate ce# controlled write operation timings
32 am29lv002 preliminary erase and programming performance notes: 1. typical program and erase times assume the following conditions: 25 c, 3.0 v v cc , 1,000,000 cycles. additionally, programming typicals assume checkerboard pattern. 2. under worst case conditions of 90c, v cc = 2.7 v, 100,000 cycles. 3. the typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum program times listed. 4. in the pre-programming step of the embedded erase algorithm, all bytes are programmed to 00h before erasure. 5. system-level overhead is the time required to execute the four-bus-cycle sequence for the program command. see table 5 for further information on command definitions. 6. the device has a typical erase and program cycle endurance of 100,000 cycles per sector. 100,000 cycles are guaranteed. latchup characteristics includes all pins except v cc . test conditions: v cc = 3.0 v, one pin at a time. tsop pin capacitance notes: 1. sampled, not 100% tested. 2. test conditions t a = 25c, f = 1.0 mhz. parameter typ (note 1) max (note 2) unit comments sector erase time 0.7 15 s excludes 00h programming prior to erasure (note 4) chip erase time 2.8 s byte programming time 9 300 s excludes system level overhead (note 5) chip programming time (note 3) 2.3 6.8 s min max input voltage with respect to v ss on all pins except i/o pins (including a9, oe#, and reset#) C1.0 v 13.0 v input voltage with respect to v ss on all i/o pins C1.0 v v cc + 1.0 v v cc current C100 ma +100 ma parameter symbol parameter description test setup typ max unit c in input capacitance v in = 0 6 7.5 pf c out output capacitance v out = 0 8.5 12 pf c in2 control pin capacitance v in = 0 7.5 9 pf
am29lv002 33 preliminary physical dimensions* ts 04040-pin (measured in millimeters) * for reference only. bsc is an ansi standard for basic space centering. tsr04040-pin (measured in millimeters) 18.30 18.50 19.80 20.20 40 20 pin 1 i.d. 21 1 0.50 bsc 9.90 10.10 0.95 1.05 0.05 0.15 1.20 max 0.50 0.70 0 5 16-038-tsop-1_ae ts 040 2-27-97 lv 0.10 0.21 0.08 0.20 18.30 18.50 19.80 20.20 40 20 pin 1 i.d. 21 1 0.50 bsc 9.90 10.10 0.95 1.05 0.05 0.15 1.20 max 0.50 0.70 0 5 16-038-tsop-1_ae tsr040 2-27-97 lv 0.10 0.21 0.08 0.20
34 am29lv002 preliminary revision summary for am29lv002 revision c+1 global revised formatting to be consistent with other current 3.0 volt-only data sheets. absolute maximum ratings the voltage with respect to ground for v cc should be +4.0 v. revision c+2 ac characteristics erase/program operations; erase and program oper- ations alternate ce# controlled writes: corrected the notes reference for t whwh1 and t whwh2 . these param- eters are 100% tested. corrected the note reference for t vcs . this parameter is not 100% tested. temporary sector unprotect table added note reference for t vidr . this parameter is not 100% tested. trademarks copyright ? 1998 advanced micro devices, inc. all rights reserved. amd, the amd logo, and combinations thereof are trademarks of advanced micro devices, inc. expressflash is a trademark of advanced micro devices, inc. product names used in this publication are for identification purposes only and may be trademarks of their respective companies .


▲Up To Search▲   

 
Price & Availability of AM29LV002B-150FCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X